Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
23/44
Figure 40.
130 V load transition
The L6599A is equipped with a current sensing input (pin #6, ISEN) and a dedicated
overcurrent management system. The current flowing in the resonant tank is detected and
the signal is fed into the ISEN pin. It is internally connected to a first comparator referenced
to 0.8 V, and to a second comparator referenced to 1.5 V. Figure 41 shows an example of
overload occurrence. If the voltage externally applied to ISEN exceeds 0.8 V, an internal
switch is turned on and discharges the soft-start capacitor CSS. This operation results in a
nearly constant peak primary current limiting the output power. At the same time, an internal
150 µA current generator, which, via the DELAY pin, charges C37, is activated. Because the
DELAY and DIS pins short each other, if the voltage on C37 reaches 1.85 V, the L6599A
stops switching and the PFC_STOP pin is pulled low disabling also the PFC.
An off-on recycle is necessary to restart the converter. By dimensioning C37 and R54, the
designer can set the maximum time that the converter is allowed to run overloaded or under
short-circuit conditions. Overloads or short-circuits lasting less than the set time do not
Figure 38.
12 V load transition
Figure 39.
24 V load transition
CH3: +12 V
CH1: +130 V
CH2: +24 V
CH4: +12 V o/p current
CH3: +12 V
CH1: +130 V
CH2: +24 V
CH4: +24 V o/p current
CH3: +12 V
CH1: +130 V
CH2: +24 V
CH4: +130 V o/p current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com