Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics AN3339 Datasheet HTML 38Page - STMicroelectronics AN3339 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AN3339
Bill of materials
Doc ID 18449 Rev 2
35/44
RX2
0
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
T1
1860.0052
Resonant transformer
MAGNETICA
DWG
T2
1715.0059
Standby flyback transformer
MAGNETICA
DWG
U1
L6564D
10-pin transition-mode PFC controller
STMicroelectronics
SSOP10
U2
L6599A
Improved HV resonant controller
STMicroelectronics
SO-16
U3
SFH610A-2
Optocoupler
Infineon
DIP-4 - 10.16 mm
U4
TL431ACZ
Programmable shunt voltage ref.
STMicroelectronics
TO-92
U5
SFH610A-2
Optocoupler
Infineon
DIP-4 - 10.16 mm
U6
VIPER27LN
Offline HV converter
STMicroelectronics
DIP8
U7
SFH610A-2
Optocoupler
Infineon
DIP-4 - 10.16 mm
U8
TS431AZ
Programmable shunt voltage ref.
STMicroelectronics
TO-92
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com