Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AN3339
Bill of materials
Doc ID 18449 Rev 2
31/44
D6
LL4148WS
High speed signal diode
VISHAY
SOD323
D7
LL4148WS
High speed signal diode
VISHAY
SOD323
D8
LL4148WS
High speed signal diode
VISHAY
SOD323
D9
STPS20L45CFP
Power Schottky rectifier
STMicroelectronics
TO-220FP
D10
LL4148WS
High speed signal diode
VISHAY
SOD323
D12
LL4148WS
High speed signal diode
VISHAY
SOD323
D13
MMSZ4709-V
24 V Zener diode
VISHAY
SOD323
D14
LL4148WS
High speed signal diode
VISHAY
SOD323
D15
BZV55-C15
Zener diode
VISHAY
MINIMELF
D16
MMSZ4711-V
27 V Zener diode
VISHAY
SOD323
D17
MMSZ4700-V
13 V Zener diode
VISHAY
SOD123
D18
STPS20L45CFP
Power Schottky rectifier
STMicroelectronics
TO-220FP
D19
P6KE250A
Transil
STMicroelectronics
DO-15
D20
STTH108A
HV ultrafast rectifier
STMicroelectronics
SMA
D21
BAV103
High speed signal diode
VISHAY
MINIMELF
D22
STTH102A
High efficiency ultrafast diode
STMicroelectronics
SMA
D24
STTH3R02
Ultrafast diode
STMicroelectronics
DO-201
D25
STTH3R02
Ultrafast diode
STMicroelectronics
DO-201
D26
STTH3R02
Ultrafast diode
STMicroelectronics
DO-201
D27
STTH3R02
Ultrafast diode
STMicroelectronics
DO-201
D28
LL4148WS
High speed signal diode
VISHAY
SOD323
D29
BZV55-C75
75 V Zener diode
VISHAY
MINIMELF
D30
BZV55-C75
75 V Zener diode
VISHAY
MINIMELF
F1
Fuse T4A
Fuse 4 A-time lag-3691400
Littelfuse
8.5x4 mm P 5.08 mm
HS1
Heatsink
Heatsink for D3 and Q5
DWG
HS2
Heatsink
Heatsink for Q3 and Q6
DWG
HS3
Heatsink
Heatsink for D4 and D9
DWG
HS4
Heatsink
Heatsink for D18
DWG
J1
Connector
3 pins (central removed)-09-65-2038
Molex
DWG
J2
Connector
P. 2.54 mm-8 x 2 rows-280385-2
AMP
DWG
J3
Connector
P. 2.54 mm-4 x 2 rows-280384-2
AMP
DWG
J4
Connector
P. 2.54 mm-3 x 2 rows-5-102618-1
AMP
DWG
L1
240 µH
2086.0001-PFC inductor
MAGNETICA
DWG
L2
3 mH
1606.0007-EMI filter
MAGNETICA
DWG
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com