Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Functional check
AN3339
22/44
Doc ID 18449 Rev 2
Figure 37.
Startup at full load and 115 Vac by on/off signal - detail
Output cross regulation has been checked. Resonant feedback signal is obtained by
sensing all three outputs. Therefore, any load change relevant to any output could affect the
other output regulation. The following figures show the effect of load transient on any of the
output loads.
Figure 38 shows output regulation in the case of 12 V load transient from 50 % to maximum
load and vice versa. Because the 12 V output is dedicated to TV panel supply, 50 % of
nominal load is assumed as the minimum load.
Figure 39 shows output regulation in the case of 24 V load transient from minimum to
maximum functional load and vice versa. The 24 V output is dedicated to the audio supply
and load transient is from 0 % to 100 % of nominal load.
Figure 40 shows output regulation in the case of 130 V load transient from minimum to
maximum functional load and vice versa. The 130 V output is dedicated to supplying the
LED backlight. A residual 1 W load is assumed for backlight circuitry driving even at
minimum load.
The maximum measured voltage deviation for 12 V output is 200 mV, for 24 V it is 400 mV
and for 130 V it is 2 V.
CH3: LVG
CH1: HB voltage
CH2: LINE (pin #7)
CH4: Res. current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com