Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics AN3339 Datasheet HTML 38Page - STMicroelectronics AN3339 Datasheet HTML 39Page - STMicroelectronics AN3339 Datasheet HTML 40Page - STMicroelectronics AN3339 Datasheet HTML 41Page - STMicroelectronics AN3339 Datasheet HTML 42Page - STMicroelectronics AN3339 Datasheet HTML 43Page - STMicroelectronics AN3339 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AN3339
Flyback transformer specification
Doc ID 18449 Rev 2
41/44
10
Flyback transformer specification
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: horizontal type, 5+4 pins
●
Max. temp. rise: 45 °C
●
Max. operating ambient temperature: 60 °C
●
Mains insulation: acc. to EN60065
Electrical characteristics
●
Converter topology: fixed frequency flyback
●
Core type: E20-PC44 or equivalent
●
Typical operating frequency: 60 kHz
●
Primary inductance: 2.38 mH±15 % at 1 kHz-0.25 V(d)
●
Leakage inductance:
<30 µH at 100 kHz-0.25 V(e)
Electrical diagram and winding characteristics
Figure 57.
Flyback transformer electrical diagram
d.
Measured between pins 2-4.
e.
Measured between pins 2-4 shorting pins 12, 9, 11, 13, 14.
Table 6.
Transformer winding data
Pins
Winding
RMS current
Number of turns
Wire type
4 - 5
Primary
0.17 Arms(1)
93
φ 0.224 mm - G2
2 - 1
Aux
0.05 Arms
18 spaced
φ 0.224 mm - G2
6 - 8
Secondary A
1.3 Arms
6
φ 0.7 mm - TIW
7 - 9
Secondary B
1.3 Arms
6
φ 0.7 mm - TIW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com