Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 10Page - STMicroelectronics AN4192 Datasheet HTML 11Page - STMicroelectronics AN4192 Datasheet HTML 12Page - STMicroelectronics AN4192 Datasheet HTML 13Page - STMicroelectronics AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
High-side MOSFET selection
AN4192
14/47
Doc ID 023820 Rev 1
In Figure 9 and 10, the HS turn-off waveforms of the two FETs are shown. Higher CGD
values reduce the HS VDS maximum spike (18.4 V vs. 23.1 V) and
(2.1 V/ns vs. 3.9 V/ns); furthermore, the VGS falling edge slope is slower (the Miller plateau
is more visible and VGS fall time is higher). Obviously, the main design rule is that VDS,HS
must be lower than the HS breakdown voltage (typically, VDS,HS(max) ≤0.8 * BVDS,HS to
increase MOSFET reliability).
The Miller capacitance value should be the correct trade-off between efficiency
improvement at high fSW (low QG,Sw and QGD) and HS maximum voltage stress reduction
(high QGD).
2.1
RDS(on) and conduction losses minimization
Considering a single-phase synchronous buck converter with a single HS device, the HS
conduction losses are shown in the following formula:
Equation 3
where D is the converter duty cycle, RDS(on) is the ON-state drain-source resistance,
evaluated at the operating temperature (T °C), and ID,HS is the HS drain current. As D is low
(0.1% - 0.2%), this term is not the most important in converter performance enhancement.
However, a slight efficiency enhancement can be noted at high output currents, when a
lower RDSon high-side FET is used.
Figure 11.
Single-phase synchronous buck converter schematic
In Figure 11, a single-phase synchronous buck converter schematic (VIN = 12 V, VOUT =
1.25 V, IOUT,MAX = 20 A, fSW = 270 kHz, 1 x HS, 1 x LS) is shown, where two different high-
side FETs (“high-side 5” and “high-side 6”) are compared with a fixed LS device. External
gate resistances are connected to HS (2.2
Ω) and LS (1.8 Ω) FETs. An RC snubber network
dV
DS,HS
dt
----------------------
P
HS,COND
DR
DS on
() TI
2
D,HS
⋅
⋅
=
AM16455V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com