Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 29Page - STMicroelectronics AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics AN4192 Datasheet HTML 36Page - STMicroelectronics AN4192 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
33/47
Figure 39.
2-phase synchronous buck converter
In a 2-phase synchronous buck converter (Figure 39) (VIN = 12 V, VOUT = 1.5 V, IOUT = 44 A,
1 x HS, 2 x LS, fSW = 440 kHz), two LS FETs with different RG,INT values (RG1 = 1.3 Ω, RG2
= 2.8
Ω) are compared. External HS and LS gate resistances are present in the layout
(RG,HS = 2.2 Ω, RG,LS = 2.2 Ω).
Higher intrinsic gate resistance is helpful to smooth the phase node overshoot, when no RC
snubber network is connected in parallel to the LS FET. In Figure 40 and 41 the phase node
waveforms of the two LS FETs tested at full load conditions (IOUT = 44 A) are compared.
AM16482V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com