Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 26Page - STMicroelectronics AN4192 Datasheet HTML 27Page - STMicroelectronics AN4192 Datasheet HTML 28Page - STMicroelectronics AN4192 Datasheet HTML 29Page - STMicroelectronics AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Low-side FET selection
AN4192
30/47
Doc ID 023820 Rev 1
3.4
RG and LS gate-source bouncing
Now, the impact of the intrinsic and external gate resistances on the overall converter
behavior is analyzed.
The intrinsic gate resistance of a MOSFET mainly affects its switching speed and
consequently the switching losses. So, for a HS FET, it is mandatory to have a total gate
resistance (RG,HS(EXT) + RG,HS(INT)) not too big in order to diminish the HS switching losses
(major losses contribution), particularly at high fSW.
On the other hand, the LS FET turns on and off with nearly zero voltage drop across it
(because, before its turn-on and after turn-off, the current flows through the LS body-drain
diode, so VDS,LS = -0.7 V); therefore, the switching losses are not comparable to the
conduction ones. The right RG value should be chosen considering the trade-off between
phase node spike smoothing (high RG) and CdV/dt spurious turn-on immunity (low RG). In
fact, when the HS turns on, a high dVphase/dt appears across the LS device (its value
depends also on the HS switching speed).
Figure 34.
LS FET during HS turn-on
A capacitive current flows through the Miller capacitance (Cgd):
Equation 6
During the OFF-state, the LS gate is pulled down to GND through the driver sink resistance
(RDRV). So, if RDRV + RG,LS(EXT) + RG,LS(INT) << Zgs, most of the capacitive current flows in
the resistive path towards GND. As a consequence, a “spurious” voltage drop appears
between LS gate and source:
Equation 7
If Vgs,LS is higher than the LS threshold voltage, the FET may turn on, creating a low-
impedance path, between phase node and GND. There is a potential risk of a “cross-
conduction” (or shoot-through) event, because the HS is turned on and a low impedance
path between VDD and GND exists.
AM16477V1
I
gd
C
gd
dV
phase
dt
----------------------
⋅
=
V
gs,LS
R
DRV
R
G,LS(EXT)
R
G,LS(INT)
++
() C
gd
dV
phase
dt
----------------------
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com