Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 37Page - STMicroelectronics AN4192 Datasheet HTML 38Page - STMicroelectronics AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics AN4192 Datasheet HTML 42Page - STMicroelectronics AN4192 Datasheet HTML 43Page - STMicroelectronics AN4192 Datasheet HTML 44Page - STMicroelectronics AN4192 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
41/47
Figure 51.
RG,HS(EXT) = 2.2 Ω - RG,HS(EXT) = 1.8 Ω/ RSNUB = 1 Ω waveforms @ 20 A
Therefore, the last configuration is the best in terms of phase node ringing smoothing (12%,
from 33.6 V to 29. 6 V, see Figure 52).
The increased LS gate resistor value (1.8
Ω) doesn't negatively effect the LS gate-source
bouncing and the potential shoot-through risks: this spurious voltage is higher than VTH,min
(1 V) for only 1.7 ns; it is not enough to charge the MOSFET input capacitance and turn-on
of the device itself.
Figure 52.
Phase node improvement
AM16494V1
AM16495V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com