Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics AN4192 Datasheet HTML 26Page - STMicroelectronics AN4192 Datasheet HTML 27Page - STMicroelectronics AN4192 Datasheet HTML 28Page - STMicroelectronics AN4192 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
25/47
removed, the voltage drop across the LS diode becomes equal to the steady-state reverse
biased value and, after its turn-on, the HS FET provides all the load current.
Figure 26.
Single-phase synchronous buck converter
Figure 27.
Reverse recovery charge waveforms
The “reverse recovery” charge process causes power dissipation, which depends on the
charge amount to be recovered (Qrr), the switching frequency and the converter input
voltage:
Equation 5
In standard technical literature, the “reverse recovery losses” are added to the HS losses: in
fact, as previously explained, during the reverse recovery process, the LS body diode
transfers energy to the HS FET, which, in other words, must provide not only the load current
but also the diode reverse recovery current.
The body-drain diode optimization plays a crucial role not only for the efficiency
improvement but also for the LS switching performance. In fact, reducing Qrr (the excess
charge stored during deadtime), the LS body diode transfers less energy (smaller reverse
AM16470V1
AM16471V1
P
rr
Q
rr
V
in
f
SW
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com