Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 36Page - STMicroelectronics AN4192 Datasheet HTML 37Page - STMicroelectronics AN4192 Datasheet HTML 38Page - STMicroelectronics AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics AN4192 Datasheet HTML 42Page - STMicroelectronics AN4192 Datasheet HTML 43Page - STMicroelectronics AN4192 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Low-side FET selection
AN4192
40/47
Doc ID 023820 Rev 1
Subsequently, the external HS gate resistor becomes 2.2
Ω, while the other components
remain unchanged (“Configuration 2”). A further reduction of the phase node spike is
achieved (30.1 V). In Figure 50, the waveforms at full load conditions are reported.
Finally, the snubber resistor value is decreased from 1.8
Ω to 1 Ω, to emphasize the CSNUB
effect (“Configuration 3”). The gate resistors are unmodified (Figure 51).
Figure 50.
RG,HS(EXT) = 2.2 Ω - RG,HS(EXT) = 1.8 Ω/ original snubber waveforms @ 20 A
AM16493V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com