Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 28Page - STMicroelectronics AN4192 Datasheet HTML 29Page - STMicroelectronics AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics AN4192 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Low-side FET selection
AN4192
32/47
Doc ID 023820 Rev 1
Figure 37.
Low RG,LS(INT) (1.5 Ω) LS FET waveforms @ full load
In these images the LS gate-source waveforms for two 30 V LS devices are depicted: the
first has RG,LS(INT) = 1.5 Ω, the second has 3 Ω. The spurious LS G-S voltage drop rises (5.5
V vs. 2.7 V), if only for a very short time (2-3 ns).
Figure 38.
High RG,LS(INT) (3 Ω) LS FET waveforms @ full load
AM16480V1
AM16481V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com