Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics AN4192 Datasheet HTML 26Page - STMicroelectronics AN4192 Datasheet HTML 27Page - STMicroelectronics AN4192 Datasheet HTML 28Page - STMicroelectronics AN4192 Datasheet HTML 29Page - STMicroelectronics AN4192 Datasheet HTML 30Page - STMicroelectronics AN4192 Datasheet HTML 31Page - STMicroelectronics AN4192 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Low-side FET selection
AN4192
28/47
Doc ID 023820 Rev 1
Figure 31.
LS with monolithic Schottky diode waveforms @ 20 A
The efficiency improvement caused by an optimized LS body diode can be appreciated only
if the converter switching frequency increases: in fact, the higher the fSW, the larger the
reverse recovery losses (see (5)). We compare the above mentioned LS FETs (LS and
LS+Sch.) in a 2-phase synchronous buck converter (VIN = 12 V, VOUT = 1.5 V, fSW = 610
kHz, 2 x HS, 2 x LS, IOUT = 60 A - Figure 32). External gate resistances are connected to
HS (2.2
Ω) and LS (2.2 Ω) FETs. No snubber network is mounted on the board.
As can be seen in Figure 33, at high output currents, due to lower diode conduction and
reverse recovery losses, the solution with LS+Sch. has higher efficiency (+1.5% at full load).
AM16474V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com