Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 33Page - STMicroelectronics AN4192 Datasheet HTML 34Page - STMicroelectronics AN4192 Datasheet HTML 35Page - STMicroelectronics AN4192 Datasheet HTML 36Page - STMicroelectronics AN4192 Datasheet HTML 37Page - STMicroelectronics AN4192 Datasheet HTML 38Page - STMicroelectronics AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
37/47
3.5
RC snubber network settings
In high frequency converters, designers must choose the right electric topology and device
in order to minimize the switching noise. In particular, when the HS turns on, the LS body
diode that was delivering the whole load current must be in the HOLD state. Due to the body
diode reverse recovery process and stray inductances, an overshoot may appear on the
phase node voltage, affecting the MOSFET reliability. Furthermore, the positive and
negative spikes on the phase node waveforms are also dangerous for other electronic
components surrounding the LS FET.
The simplest way to reduce these switching oscillations is by connecting an RC snubber
network across the LS FET. Theoretically, a simple capacitive snubber would be useful to
smooth the switching noise; but, a series resistance is added to decrease the current
amplitude during the capacitor discharging and to dissipate the energy at turn-off (when an
overvoltage event occurs).
Figure 46.
LS FET with RC snubber network
The right RSNUB and CSNUB selection depends on several factors: overshoot reduction,
damping effect and energy losses in the snubber circuit:
Typically, the snubber resistor is equal to the characteristic impedance of the freely
oscillating circuit L-C:
Equation 8
where Lstray includes the PCB and package inductances. Its value can be extrapolated by
the phase node waveform, measuring the ringing oscillation fRING (Figure 47) and using (9):
AM16489V1
E
1
2
---
V
SNUB
DD
2
⋅⋅
=
R
SNUB
L
stray
C
oss
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com