Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics AN4192 Datasheet HTML 26Page - STMicroelectronics AN4192 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
23/47
In Figure 24 and 25, two phase node waveforms of high-CRSS (CRSS = 315 pF) and low-
CRSS (CRSS = 190 pF) devices are compared. These FETs are mounted on a 3-phase VRM
(fSW = 500 kHz, VOUT = 1.4 V, RG,HS = RG,LS = 2.2 Ω, CSNUB = 4.7 nF, RSNUB = 2.2 Ω) and
the load current is 80 A.
Figure 24.
Low-CRSS LS FET phase node waveform @ 80 A
AM16468V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com