Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4192 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics AN4192 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Low-side FET selection
AN4192
22/47
Doc ID 023820 Rev 1
Figure 22.
Buck converter schematic
When the HS turns on (the load current is I1), the phase node goes from low to high level in
a few nanoseconds: depending on several factors, an overvoltage (plus high frequency
oscillations) event may appear on the LS drain-source voltage (phase node ringing): if the
maximum spike is higher than the breakdown voltage (BVDSS), the MOSFET safety and
reliability can worsen. This issue is related to three main factors:
1.
When the HS turns on, VDS,LS rises from -0.7 V (body-drain diode conduction) to
supply voltage. If the HS switches sharply (very low QG,SW), high dVDS,LS/dt and phase
node spike is measured on the LS FET.
2.
During the deadtime, when the load current flows through the LS body-drain diode,
parasitic voltage drops (VL1 and VL2) appear across the PCB stray inductances
(connected to LS drain and source, Figure 23). So, the parasitic voltage drops, and VL1
and VL2 increase the VDS,LS maximum value, creating potential issues for MOSFET
safety and reliability, if the maximum spike is higher than the BVDSS guaranteed in the
datasheet.
3.
During the deadtime, the LS body-drain diode is forward biased (VDS,LS = -0.7 V). This
excess stored charge must be removed before the LS can sustain the supply voltage; in
order to reverse bias the body diode, a “reverse recovery current” flows (from drain to
source) immediately after the HS turn-on. The larger this current is, the higher the
phase node spike is. In the next section, there is a more thorough analysis of the
benefits given by a “soft” LS body-drain diode.
Figure 23.
Impact of the stray inductances on the phase node ringing
AM16466V1
AM16467V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com