Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1821
IOUT (Pin 14): DAC Current Output. Normally tied through
a 22pF feedback capacitor in unipolar mode (15pF in
bipolar mode) to VOUT.
V+ (Pin 15): Amplifier Positive Supply. Range is 4.5V to
16.5V.
AGNDS (Pin 16): Analog Ground Sense. Connect to
analog ground.
AGNDF (Pin 17): Analog Ground Force. Connect to
analog ground.
DNC (Pin 18, 19, 21): Connected internally. Do not
connect external circuitry to these pins.
V– (Pin 20): Amplifier Negative Supply. Range is – 4.5V
to – 16.5V.
NC (Pin 22): No Connection.
LD (Pin 23): DAC Digital Input Load Control Input. When
LD is taken to a logic high, data is loaded from the input
register into the DAC register, updating the DAC output.
WR (Pin 24): DAC Digital Write Control Input. When WR
is taken to a logic low, data is written from the digital input
pins into the 16-bit wide input reigster.
D15 (Pins 25): MSB or Digital Input Data Bit 15.
D14 (Pin 26): Digital Input Data Bit 14.
D13 (Pin 27): Digital Input Data Bit 13.
D12 (Pin 28): Digital Input Data Bit 12.
D11 (Pin 29): Digital Input Data Bit 11.
D10 (Pin 30): Digital Input Data Bit 10.
D9 (Pin 31): Digital Input Data Bit 9.
D8 (Pin 32): Digital Input Data Bit 8.
D7 (Pin 33): Digital Input Data Bit 7.
D6 (Pin 34): Digital Input Data Bit 6.
D5 (Pin 35): Digital Input Data Bit 5.
D4 (Pin 36): Digital Input Data Bit 4.
DGND (Pin 1): Digital Ground. Connect to analog ground.
VCC (Pin 2): Positive Supply Input. 4.5V ≤ VCC ≥ 5.5V.
Requires a bypass capacitor to ground.
D3 (Pin 3): Digital Input Data Bit 3.
D2 (Pin 4): Digital Input Data Bit 2.
D1 (Pin 5): Digital Input Data Bit 1.
D0 (Pin 6): LSB or Digital Input Data Bit 0.
CLR (Pin 7): Digital Clear Control Function for the DAC.
When CLR is taken to a logic low, it sets the DAC output
and all internal registers to: zero code for the LTC1821 and
midscale code for the LTC1821-1.
REF (Pin 8): Reference Input and 4-Quadrant Resistor R2.
Typically
±10V, accepts up to ±15V. In 2-quadrant mode,
tie this pin to the external reference signal. In 4-quadrant
mode, this pin is driven by external inverting reference
amplifier.
RCOM (Pin 9): Center Tap Point of the Two 4-Quadrant
Resistors R1 and R2. Normally tied to the inverting input
of an external amplifier in 4-quadrant operation. Other-
wise this pin is shorted to the REF pin. See Figures 1
and 2.
R1 (Pin 10): 4-Quadrant Resistor R1. In 2-quadrant
operation, short this pin to the REF pin. In 4-quadrant
mode, tie this pin to the external reference signal.
ROFS (Pin 11): Bipolar Offset Resistor. Typically swings
±10V, accepts up to ±15V. For 2-quadrant operation, tie
this pin to RFB and for 4-quadrant operation, tie this pin to
R1.
RFB (Pin12): Feedback Resistor. Normally connected to
VOUT. Typically swings ±10V. The voltage at this pin
swings 0 to VREF in unipolar mode and ±VREF in bipolar
mode.
VOUT (Pin 13): DAC Voltage Output. Normally connected
to RFB and to IOUT through a 22pF feedback capacitor in
unipolar mode (15pF in bipolar mode). Typically swings
±10V.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com