Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1821
Table 1
CONTROL INPUTS
CLR
WR
LD
REGISTER OPERATION
0
X
X
Reset Input and DAC Register to All 0s for LTC1821 and Midscale for LTC1821-1 (Asynchronous Operation)
1
0
0
Write Input Register with All 16 Data Bits
1
1
1
Load DAC Register with the Contents of the Input Register
1
0
1
Input and DAC Register Are Transparent
1
CLK = LD and WR Tied Together. The 16 Data Bits Are Written Into the Input Register on the Falling Edge of the CLK and Then
Loaded Into the DAC Register on the Rising Edge of the CLK
1
1
0
No Register Operation
TRUTH TABLE
96k
12k
12k
96k
48k
96k
48k
96k
DECODER
D15
(MSB)
D13
D14
D15
D12
D11
D0
(LSB)
LOAD
VCC
REF
RFB
VOUT
IOUT
DNC*
CLR
7
DGND
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
1
1821 BD
DAC REGISTER
48k
48k
48k
48k
48k
48k
48k
12k
23
2
R1 10
RCOM 9
8
LD
24
25
D14
26
D4
36
D3
3
D2
4
D0
6
D1
5
WR
18
NC
22
13
DNC*
19
DNC*
21
V+
15
14
V–
20
AGNDS
16
AGNDF
17
12
ROFS
11
• • •
12k
WR
INPUT REGISTER
• • • •
RST
RST
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com