Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1821
Figure 2. Bipolar Operation (4-Quadrant Multiplication) VOUT = – VREF to VREF
Bipolar Mode
(4-Quadrant Multiplying, VOUT = – VREF to VREF)
The LTC1821 contains on chip all the 4-quadrant resistors
necessary for bipolar operation. 4-quadrant multiplying
APPLICATIONS INFORMATION
operation can be achieved with a minimum of external
components—a capacitor and a single op amp, as shown
in Figure 2. With a fixed 10V reference, the circuit shown
gives a precision bipolar – 10V to 10V output swing.
VCC
LTC1821
RFB
RFB
ROFS
ROFS
5V
LD
LD
10
9
24
23
718
2
13
15
20
117
16
R1
RCOM
8
6
3
2
REF
11
12
0.1
µF
0.1
µF
15V
–15V
14
IOUT
VOUT
22pF
VOUT =
–VREF
TO VREF
1821 F02
AGNDF AGNDS
DGND
WR
25 TO 36,
3 TO 6
WR
CLR DNC* DNC*
CLR
VREF
16-BIT DAC
R1
R2
16
DATA
INPUTS
0.1
µF
19
DNC*
21
NC
22
V–
V+
LT1001
Bipolar Offset Binary Code Table
DIGITAL INPUT
BINARY NUMBER
IN DAC REGISTER
VREF (32,767/32,768)
VREF (1/32,768)
0V
–VREF (1/32,768)
–VREF
LSB
1111 1111
1111
0000 0000
0001
0000 0000
0000
1111 1111
1111
0000 0000
0000
ANALOG OUTPUT
VOUT
MSB
1111
1000
1000
0111
0000
*DO NOT CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com