Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 2 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1821
VCC to AGNDF, AGNDS ............................... – 0.3V to 7V
VCC to DGND .............................................. – 0.3V to 7V
Total Supply Voltage (V+ to V) ............................... 36V
AGNDF, AGNDS to DGND ............................. VCC + 0.3V
DGND to AGNDF, AGNDS ............................. VCC + 0.3V
REF, RCOM to AGNDF, AGNDS, DGND .................. ±15V
ROFS, RFB, R1, to AGNDF, AGNDS, DGND ............ ±15V
Digital Inputs to DGND ............... – 0.3V to (VCC + 0.3V)
IOUT to AGNDF, AGNDS............... – 0.3V to (VCC + 0.3V)
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range
LTC1821C/LTC1821-1C .......................... 0
°C to 70°C
LTC1821I/LTC1821-1I ....................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
ORDER PART
NUMBER
LTC1821ACGW
LTC1821BCGW
LTC1821-1ACGW
LTC1821-1BCGW
LTC1821AIGW
LTC1821BIGW
LTC1821-1AIGW
LTC1821-1BIGW
TJMAX = 125°C, θJA = 80°C/ W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
GW PACKAGE
36-LEAD PLASTIC SSOP WIDE
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
WR
LD
NC
DNC*
V
DNC*
DGND
VCC
D3
D2
D1
D0
CLR
REF
RCOM
R1
ROFS
RFB
VOUT
IOUT
V+
AGNDS
AGNDF
DNC*
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = TMIN to TMAX,
V+ = 15V, V= –15V, VCC = 5V, VREF = 10V, AGNDF = AGNDS = DGND = 0V.
*DO NOT CONNECT
LTC1821B/-1B
LTC1821A/-1A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
16
16
Bits
Monotonicity
q
16
16
Bits
INL
Integral Nonlinearity
TA = 25°C (Note 2)
±2
±0.25
±1LSB
TMIN to TMAX
q
±2
±0.35
±1LSB
DNL
Differential Nonlinearity
TA = 25°C
±1
±0.2
±1LSB
TMIN to TMAX
q
±1
±0.2
±1LSB
GE
Gain Error
Unipolar Mode
TA = 25°C (Note 3)
±16
±5
±16
LSB
TMIN to TMAX
q
±24
±8
±16
LSB
Bipolar Mode
TA = 25°C (Note 3)
±16
±2
±16
LSB
TMIN to TMAX
q
± 24
±5
±16
LSB
Gain Temperature Coefficient
∆Gain/∆Temperature (Note 4)
q
1
3
1
3
ppm/
°C
Unipolar Zero-Scale Error
TA = 25°C
±3
±0.25
±2LSB
TMIN to TMAX
q
±6
±0.50
±4LSB
Bipolar Zero Error
TA = 25°C
±12
±2
±8LSB
TMIN to TMAX
q
±16
±3
±10
LSB
PSRR
Power Supply Rejection Ratio
VCC = 5V ±10%
q
2
0.7
2
LSB/V
V+, V=
±4.5V to ±16.5V
q
±2
±0.1
±2
LSB/V
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com