Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1821
©LINEAR TECHNOLOGY CORPORATION 2000
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
1821f LT/TP 0401 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1417
Low Power 400ksps, 14-Bit ADC
20mW, Single or
±5V, Serial I/O
LTC1418
14-Bit, 200ksps, Single 5V ADC
15mW, Serial/Parallel
±10V
LTC1604/LTC1608
16-Bit, 333ksps/500ksps,
±5V ADC
90dB SINAD, 100dB THD,
±2.5V Inputs
LTC1605/LTC1606
16-Bit, 100ksps/250ksps, Single 5V ADC
±10V Inputs, 55mW/75mW, Byte or Parallel I/O
LTC1609
16-Bit, 200ksps, Single 5V ADC
±10V Inputs, 65mW, Serial I/O
LTC2400
24-Bit, Micropower
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC
0.16ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error, 200
µA
DACs
LTC1591/LTC1597
Parallel 14-/16-Bit Current Output DACs
On-Chip 4-Quadrant Resistors
LTC1595/LTC1596
Serial 16-Bit Current Output DACs in SO-8/S16
Low Glitch,
±1LSB Maximum INL, DNL
LTC1599
Parallel 2 Byte 16-Bit Current Output DAC
On-Chip 4-Quadrant Resistors
LTC1650
Serial 16-Bit
±5V Voltage Output DAC
Low Noise and Low Glitch Rail-to-Rail VOUT
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Serial 5V/3V 16-Bit Voltage Output DAC in SO-8
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1657/LTC1657L
Parallel 5V/3V 16-Bit Voltage Output DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1658
Serial 14-Bit Voltage Output DAC
Low Power, 8-Lead MSOP Rail-to-Rail VOUT
Op Amps
LT1001
Precision Operational Amplifier
Low Offset, Low Drift
LT1468
90MHz, 22V/
µs, 16-Bit Accurate Op Amp
Precise, 1
µs Settling to 0.0015%
References
LT1019
Bandgap Reference
±0.05% Initial Tolerance, 5ppm/°C
LT1236
Precision Buried Zener Reference
±0.05% Initial Tolerance, Low Noise 3µVP-P
LT1460
Micropower Bandgap Reference
±0.075% Initial Tolerance, 10ppm/°C
LT1790
SOT-23 Micropower, Low Dropout Reference
±0.05% Initial Tolerance, 10ppm/°C
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com