Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 4 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1821
Note 8: To 0.0015% for a full-scale change, measured from the rising
edge of LD.
Note 9: REF = 0V. DAC register contents changed from all 0s to all 1s or all
1s to all 0s. LD low and WR high.
Note 10: Midscale transition code: 0111 1111 1111 1111 to
1000 0000 0000 0000. Unipolar mode, CFEEDBACK = 33pF.
Note 11: R1 and R2 are measured between R1 and RCOM, REF and RCOM.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2:
±1LSB = ±0.0015% of full scale = ±15.3ppm of full scale.
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: IOUT with DAC register loaded to all 0s.
Note 6: Typical temperature coefficient is 100ppm/
°C.
Note 7: Measured in unipolar mode.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
TIME (
µs)
0
–10
0
10
0.6
1.0
1821 G01
–20
–30
–40
0.2
0.4
0.8
20
30
40
CFEEDBACK = 30pF
VREF = 10V
1nV-s TYPICAL
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1821 G03
–110
100
–60
–80
–100
VCC = 5V
CFEEDBACK = 30pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz FILTER
LD PULSE
5V/DIV
GATED
SETTLING
WAVEFORM
500
µV/DIV
500ns/DIV
1821 G02
VREF = –10V
CFEEDBACK = 20pF
0V TO 10V STEP
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1821 G04
–110
100
–60
–80
–100
VCC = 5V USING AN LT1468
CFEEDBACK = 15pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz
FILTER
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1821 G05
–110
100
–60
–80
–100
VCC = 5V USING AN LT1468
CFEEDBACK = 15pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz FILTER
INTPUT VOLTAGE (V)
0
3
4
5
4
1821 G06
2
1
0
1
2
3
5
VCC = 5V
ALL DIGITAL INPUTS
TIED TOGETHER
Midscale Glitch Impulse
Unipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency
Full-Scale Setting Waveform
Bipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency, Code = All Zeros
Bipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency, Code = All Ones
VCC Supply Current vs Digital
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com