Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1821
Dimensions in inches (millimeters) unless otherwise noted.
GW Package
36-Lead Plastic SSOP (Wide 0.300)
(LTC DWG # 05-08-1642)
GW36 SSOP 1098
0
° – 8° TYP
0.231 – 0.3175
(0.0091 – 0.0125)
0.610 – 1.016
(0.024 – 0.040)
7.417 – 7.595**
(0.292 – 0.299)
× 45°
0.254 – 0.406
(0.010 – 0.016)
2.286 – 2.387
(0.090 – 0.094)
0.127 – 0.305
(0.005 – 0.0115)
2.463 – 2.641
(0.097 – 0.104)
0.800
(0.0315)
BSC
0.304 – 0.431
(0.012 – 0.017)
15.290 – 15.544*
(0.602 – 0.612)
1 2 3 4 5 6 7 8 9 101112131415161718
10.160 – 10.414
(0.400 – 0.410)
36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
*
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
**
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com