Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 5 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1821
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
234
1821 G07
57
6
2.5
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1821 G08
– 0.6
0.6
0.8
0.2
49152
65535
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1821 G09
– 0.6
0.6
0.8
0.2
49152
65535
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G10
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G11
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G12
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G13
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
SUPPLY VOLTAGE (V)
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1821 G14
– 0.6
0.6
0.8
0.2
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
SUPPLY VOLTAGE (V)
–2.0
–1.0
– 0.5
0
2.0
1.0
2
4
5
1821 G15
–1.5
1.5
0.5
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
Logic Threshold vs VCC Supply
Voltage
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Integral Nonlinearity vs Reference
Voltage in Unipolar Mode
Integral Nonlinearity vs Reference
Voltage in Bipolar Mode
Differential Nonlinearity vs
Reference Voltage in Unipolar Mode
Differential Nonlinearity vs
Reference Voltage in Bipolar Mode
Integral Nonlinearity vs VCC Supply
Voltage in Unipolar Mode
Integral Nonlinearity vs VCC Supply
Voltage in Bipolar Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com