Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1821
Precision Voltage Reference Considerations
Because of the extremely high accuracy of the 16-bit
LTC1821, careful thought should be given to the selection
of a precision voltage reference. As shown in the section
describing the basic operation of the LTC1821, the output
voltage of the DAC circuit is directly affected by the voltage
reference; thus, any voltage reference error will appear as
a DAC output voltage error.
There are three primary error sources to consider when
selecting a precision voltage reference for 16-bit applica-
tions: output voltage initial tolerance, output voltage tem-
perature coefficient (TC), and output voltage noise.
Initial reference output voltage tolerance, if uncorrected,
generates a full-scale error term. Choosing a reference
with low output voltage initial tolerance, like the LT1236
(
±0.05%), minimizes the gain error due to the reference;
however, a calibration sequence that corrects for system
zero- and full-scale error is always recommended.
A reference’s output voltage temperature coefficient af-
fects not only the full-scale error, but can also affect the
circuit’s INL and DNL performance. If a reference is
chosen with a loose output voltage temperature coeffi-
cient, then the DAC output voltage along its transfer
characteristic will be very dependent on ambient condi-
tions. Minimizing the error due to reference temperature
coefficient can be achieved by choosing a precision refer-
ence with a low output voltage temperature coefficient
and/or tightly controlling the ambient temperature of the
circuit to minimize temperature gradients.
As precision DAC applications move to 16-bit and higher
performance, reference output voltage noise may contrib-
ute a dominant share of the system’s noise floor. This in
turn can degrade system dynamic range and signal-to-
noise ratio. Care should be exercised in selecting a voltage
Table 2. Partial List of LTC Precision References Recommended
for Use with the LTC1821, with Relevant Specifications
INITIAL
TEMPERATURE
0.1Hz to 10Hz
REFERENCE
TOLERANCE
DRIFT
NOISE
LT1019A-5,
±0.05%
5ppm/
°C12µVP-P
LT1019A-10
LT1236A-5,
±0.05%
5ppm/
°C3µVP-P
LT1236A-10
LT1460A-5,
±0.075%
10ppm/
°C20µVP-P
LT1460A-10
LT1790A-2.5
±0.05%
10ppm/
°C12µVP-P
APPLICATIONS INFORMATION
reference with as low an output noise voltage as practical
for the system resolution desired. Precision voltage refer-
ences, like the LT1236, produce low output noise in the
0.1Hz to 10Hz region, well below the 16-bit LSB level in 5V
or 10V full-scale systems. However, as the circuit band-
widths increase, filtering the output of the reference may
be required to minimize output noise.
Grounding
As with any high resolution converter, clean grounding is
important. A low impedance analog ground plane and star
grounding should be used. AGNDF and AGNDS must be
tied to the star ground with as low a resistance as possible.
When it is not possible to locate star ground close to
AGNDF and AGNDS, separate traces should be used to
route these pins to the star ground. This minimizes the
voltage drop from these pins to ground due to the code
dependent current flowing into the ground plane. If the
resistance of these separate circuit board traces exceeds
1
Ω, the circuit of Figure 3 eliminates this code dependent
voltage drop error for high resistance traces.
To calculate PC track resistance in squares, divide the
length of the PC track by the width and multiply this result
by the sheet resistance of copper foil. For 1 oz copper
(
≈1.4 mils thick), the sheet resistance is 0.045Ω per
square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com