Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1821
17-Bit Sign Magnitude Output Voltage DAC with Bipolar Zero Error of 140
µV (0.92LSB at 17 Bits)
VCC
15pF
V –
V +
0.1
µF
0.1
µF
LTC1821
RFB
RFB
ROFS
ROFS
5V
LD
10
3
LTC203AC
2
1
6
4
2
15V
14
15
16
9
2
6
3
2
16
117
R1
RCOM
8
REF
11
12
14
0.1
µF
IOUT
22pF
VOUT
1821 TA03
DGND
AGNDF
AGNDS
LT1468
25 TO 36,
3 TO 6
SIGN
BIT
WR
CLR
16-BIT DAC
R1
R2
16
DATA
INPUTS
LT1236A-10
LD
24
23
718
WR
CLR DNC* DNC*
19
DNC*
21
NC
22
13
15
20
0.1
µF
–15V
15V
VOUT
0.1
µF
V–
V+
*DO NOT CONNECT
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com