Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1821
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology LTC1821 Datasheet HTML 12Page - Linear Technology LTC1821 Datasheet HTML 13Page - Linear Technology LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1821
Figure 3. Driving AGNDF and AGNDS with a Force/Sense Amplifier
APPLICATIONS INFORMATION
15V
0.1
µF
0.1
µF
–15V
1000pF
VCC
LTC1821
RFB
RFB
ROFS
ROFS
5V
10
9
2
R1
RCOM
8
REF
11
12
0.1
µF
14
22pF
VOUT =
0V TO –10V
VOUT
1821 F03
LT1001
ALTERNATE AMPLIFIER FOR OPTIMUM SETTLING TIME PERFORMANCE
16-BIT DAC
R1
R2
IOUT
25 TO 36,
3 TO 6
16
DATA
INPUTS
LD
WR
CLR
19
DGND
13
20
V
V+ 15
3
6
6
17
17
16
16
ERA82.004
2
LT1236A-10
2
6 10V
15V
4
LD
24
23
718
WR
CLR DNC* DNC*
19
DNC*
21
NC
AGNDF
AGNDS
22
LT1468
3
ERA82.004
2
200
200
*DO NOT CONNECT
AGNDS
AGNDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com