Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 3Page - STMicroelectronics AN3114 Datasheet HTML 4Page - STMicroelectronics AN3114 Datasheet HTML 5Page - STMicroelectronics AN3114 Datasheet HTML 6Page - STMicroelectronics AN3114 Datasheet HTML 7Page - STMicroelectronics AN3114 Datasheet HTML 8Page - STMicroelectronics AN3114 Datasheet HTML 9Page - STMicroelectronics AN3114 Datasheet HTML 10Page - STMicroelectronics AN3114 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
AN3114
LCD solution
Doc ID 16829 Rev 3
7/43
The orientation layer usually consists of a polymer (e.g. polyimide) which has been
unidirectionally rubbed using, for instance, a soft tissue. As a result, the liquid crystal
molecules are fixed with their alignment more or less parallel to the plates, in the direction of
rubbing. The crystal alignment directions at the surface of the two plates are perpendicular
so that the molecules between the two plates undergo a homogeneous twist deformation in
alignment to form a helix.
If no electric field is applied, the birefringent liquid crystal molecules keep their helical
structure and rotate linearly polarized light waves passing through the plates. The
transmitted light wave is then allowed through a crossed exit polarizer. As a result, the
modulator has a bright appearance. On the other hand, if an AC voltage of a few volts is
applied, the resulting electric field forces the liquid crystal molecules to align themselves
along the field direction and the twist deformation (the helix) is unwound. In this case, the
polarization of the incident light is not rotated by the crystal molecules and the crossed exit
polarizer blocks the light wave. As a result, the modulator appears dark.
The inverse switching behavior can be obtained with parallel polarizers. It must also be
noted that gray scale modulation is easily achieved by varying the voltage between the
crystal molecule reorientation threshold (reorientation is resisted by the elastic properties of
liquid crystals) and the saturation field.
LCDs are sensitive to root mean square voltage levels. With a low root mean square voltage
applied to it, an LCD is practically transparent (the LCD segment is then inactive or off). To
turn an LCD segment on, causing the LCD segment to turn dark (from light gray to opaque
black), an LCD RMS voltage greater than the LCD threshold voltage Vth is applied to the
LCD. The LCD RMS voltage is the RMS voltage across the capacitor C in Figure 2, which is
equal to the potential difference between the SEG and COM values.
The LCD threshold voltage Vth depends on the quality of the liquid used in the LCD and the
temperature. The optical contrast is defined by the difference in transparency of an LCD
segment that is on (dark) and an LCD segment that is off (transparent). The optical contrast
depends on the difference between the RMS voltage on an on LCD segment (Von) and the
RMS voltage on an off LCD segment (Voff). The higher the difference between Von(RMS) and
Voff(RMS), the higher the optical contrast. The optical contrast also depends on the level of
Von versus the LCD threshold voltage Vth. If Von is lower or close to the threshold voltage Vth,
the LCD is completely or almost transparent. If Voff is close or higher than the threshold
voltage Vth, the LCD is completely black.
The discrimination ratio (D) specifies the contrast levels that the LCD panel can achieve. It is
defined as follows:
To prevent the electrolytic process (DC voltage applied on LCD or the temperature effect on
the performance of the LCD panel...) from occurring and consequently ensure a longer LCD
lifetime, the applied LCD voltage must also alternate to obtain a zero DC value.
Note:
The DC value should never be higher than 100 mV (refer to the LCD manufacturer’s
datasheet), otherwise, the LCD lifetime may be shortened. The typical frequency ranges
from 30 to 100 Hz. If a lower frequency is used, the LCD flickers. If a larger frequency is
used, the power consumption increases.
DV
ON RMS
() VOFF RMS
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com