Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 29Page - STMicroelectronics AN3114 Datasheet HTML 30Page - STMicroelectronics AN3114 Datasheet HTML 31Page - STMicroelectronics AN3114 Datasheet HTML 32Page - STMicroelectronics AN3114 Datasheet HTML 33Page - STMicroelectronics AN3114 Datasheet HTML 34Page - STMicroelectronics AN3114 Datasheet HTML 35Page - STMicroelectronics AN3114 Datasheet HTML 36Page - STMicroelectronics AN3114 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
33/43
The following Table 6 summarizes the correspondence between LCD_RAM register bits and
each LCD character in the custom LCD glass HXO5200B.
Table 6.
LCD_RAM bits versus custom LCD HXO5002B characters
LCD RAM
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
First page (PAGE_COM bit = 0)
LCD_RAM0
7D
S
Q5
6D
O4
Q4
5D
O1
LCD_RAM1
C4
Q1
2D
C1
-
1D
S5
Q6
LCD_RAM2
3e
2e
1e
Q3
4D
uA
Q2
3D
LCD_RAM3
O3
5L
5K
O2
7e
6e
5e
4e
LCD_RAM4
1L
1K
S6
7L
7K
nA
6L
6K
LCD_RAM5
4K
mA
3L
3K
C3
2L
2K
C2
LCD_RAM6
7f
6f
5f
4f
3f
2f
1f
4L
LCD_RAM7
18b
19b
14b
15b
16b
11b
12b
13b
LCD_RAM8
7b
2b
3b
4b
S2
S4
1b
17b
LCD_RAM9
3c
2c
1c
8b
9b
10b
5b
6b
LCD_RAM10
16a
11a
12a
13a
7c
6c
5c
4c
LCD_RAM11
S1
S3
1a
17a
18a
19a
14a
15a
LCD_RAM12
9a
10a
5a6a
7a
2a3a4a
LCD_RAM13
7d
6d
5d
4d
3d
2d
1d
8a
LCD_RAM14
15e
14e
13e
12e
11e
10e
9e
8e
LCD_RAM15
19e
18e
17e
16e
LCD_RAM16
15f
14f
13f
12f
11f
10f
9f
8f
LCD_RAM17
19f
18f
17f
16f
LCD_RAM18
15c
14c
13c
12c
11c
10c
9c
8c
LCD_RAM19
19c
18c
17c
16c
LCD_RAM20
15d
14d
13d
12d
11d
10d
9d
8d
LCD_RAM21
19d
18d
17d
16d
Color key for first page:
= Pixels connected to COM0 (M[i][0])
= Pixels connected to COM1 (M[i][1])
= Pixels connected to COM2 (M[i][2])
= Pixels connected to COM3 (M[i][3])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com