Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 31Page - STMicroelectronics AN3114 Datasheet HTML 32Page - STMicroelectronics AN3114 Datasheet HTML 33Page - STMicroelectronics AN3114 Datasheet HTML 34Page - STMicroelectronics AN3114 Datasheet HTML 35Page - STMicroelectronics AN3114 Datasheet HTML 36Page - STMicroelectronics AN3114 Datasheet HTML 37Page - STMicroelectronics AN3114 Datasheet HTML 38Page - STMicroelectronics AN3114 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
35/43
To be able to make an efficient LCD software driver and optimize the LCD character coding
in terms of code density, the matrix shown in Figure 23 has been chosen.
Figure 23.
HXO5002B segment driver matrix
Each matrix M element corresponds to one bit on the LCD_RAM[13:0] registers. To enable
SEG(i) connected to COM(j), the “M[i][j]” element must be set to 1 and to disable it the
“M[i][j]” element must be set to 0.
The following structure provided in the LCD firmware enables to translate alphanumeric
characters from ASCII into LCD_RAM[21:0]:
bit[17:0] = Nibble[5:0] = {LCD_RAM[13:10], LCD_RAM[10:7],
LCD_RAM[6:3], LCD_RAM[3:0],LCD_RAM[10:7], LCD_RAM[13:10]};
bit[17:0] are the 18 matrix terms arranged so that each nibble is related to LCD_RAM
register and to COMi in the selected page. The relation between the nibbles and the
LCD_RAM registers is conditioned by the LCD digit being accessed. Refer to Table 6 for the
correspondence between LCD_RAM register bits (nibble) and LCD character.
Displaying a character “A” on the custom LCD glass HXO5002B
The LCD segments A, B, C, E, F, M and N must be activated to display the “A” letter (see
Figure 24). These segments must then be transferred from the LCD_RAM registers to the
LCD glass. Use the matrix described in Figure 23 to know which bits of the LCD_RAM
registers must be set.
The firmware structure provides the value 0x002536 for Nibble[5:0] corresponding to:
●
Nibble[0] = 0x0 = 000b
●
Nibble[1] = 0x0 = 000b
●
Nibble[2] = 0x2 = 010b
●
Nibble[3] = 0x5 = 101b
●
Nibble[4] = 0x3 = 011b
●
Nibble[5] = 0x6 = 110b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com