Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 18Page - STMicroelectronics AN3114 Datasheet HTML 19Page - STMicroelectronics AN3114 Datasheet HTML 20Page - STMicroelectronics AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics AN3114 Datasheet HTML 25Page - STMicroelectronics AN3114 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Integrated LCD controller
AN3114
22/43
Doc ID 16829 Rev 3
Figure 12.
Resistive network (internal booster)
●
In case of 1/2 bias, one voltage level (1/2 VLCD) is generated and node b voltage is 1/2
VLCD.
●
In case of 1/3 bias, two intermediate voltage levels (1/3 VLCD, 2/3 VLCD) are generated:
–
node a is 1/3 VLCD
–
node b is 2/3 VLCD
●
In case of 1/4 bias (medium+ and high density STM8L152xx and STM8L162xx devices
only), three intermediate voltage levels (1/4 VLCD, 1/2 VLCD and 3/4 VLCD) are generated:
–
node a is 1/4 VLCD
–
node b is 1/2 VLCD
–
node c is 3/4 VLCD.
3.2
Optimizing power consumption
When the LCD controller operates in run mode, decreasing the power consumption results
in a lower contrast. As a consequence, the contrast adjustment methods described in
Section 3.1.3 can also be used to adjust the power consumption.
When the internal booster is used, the power consumption can be reduced by minimizing
the period of time during which the RL divider is enabled (drive time). However, the drive
time to achieve a satisfactory contrast may be longer with a high internal resistance.
However, the STM8AL3Lxx, STM8L152xx, and STM8L162xx microcontrollers allow the
LCD controller to operate in all low power modes except for Halt mode.
EN
HD
VLC D
VSS
bias 1/3
node b
R
LN
bias 1/2 or bias 1/4
bias 1/3
bias 1/4
STATIC
MS19205V1
node a
node c
R
HN
1)
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com