Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics AN3114 Datasheet HTML 25Page - STMicroelectronics AN3114 Datasheet HTML 26Page - STMicroelectronics AN3114 Datasheet HTML 27Page - STMicroelectronics AN3114 Datasheet HTML 28Page - STMicroelectronics AN3114 Datasheet HTML 29Page - STMicroelectronics AN3114 Datasheet HTML 30Page - STMicroelectronics AN3114 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
27/43
Figure 18.
PD-878 physical connection for an alphanumeric character
To be able to make an efficient LCD software driver and optimize LCD alphanumeric
character coding in terms of code density, the matrix shown in Figure 19 has been chosen.
Figure 19.
PD-878 segment driver matrix
Each matrix M element corresponds to one bit on the LCD_RAM[13:0] registers. To enable
SEG(i) connected to COM(j), the “M[i][j]” element must be set to 1 and to disable it the
“M[i][j]” element must be set to 0.
The following structure provided in the LCD firmware allows to translate alphanumeric
characters from ASCII to LCD_RAM[13:0] registers:
bit[15:0] = Nibble[3:0] = {LCD_RAM[13:10], LCD_RAM[10:7],
LCD_RAM[6:3], LCD_RAM[3:0]};
Bit[15:0] are the 16 matrix terms arranged so that each nibble is related to one or several
LCD_RAM registers. The relation between the nibbles and the LCD_RAM registers is
conditioned by the LCD digit which is accessed. Table 3 summarizes the correspondence
between LCD_RAM register bits (nibble) and LCD character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com