Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 10Page - STMicroelectronics AN3114 Datasheet HTML 11Page - STMicroelectronics AN3114 Datasheet HTML 12Page - STMicroelectronics AN3114 Datasheet HTML 13Page - STMicroelectronics AN3114 Datasheet HTML 14Page - STMicroelectronics AN3114 Datasheet HTML 15Page - STMicroelectronics AN3114 Datasheet HTML 16Page - STMicroelectronics AN3114 Datasheet HTML 17Page - STMicroelectronics AN3114 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
LCD controller drive signals
AN3114
14/43
Doc ID 16829 Rev 3
Discrimination ratio calculation for quadruplex mode:
COM3 - SEG0 [ON] = (2VDD/3 - VDD/3) + (2VDD/3 - VDD/3) + (2VDD/3 - VDD/3) + (0 -
VDD) + (VDD/3 - 2VDD/3) + (VDD/3 - 2VDD/3) + (VDD/3 - 2VDD/3) + (VDD - 0) => VDC = 0
COM3 - SEG0 [OFF] = (2VDD/3 - VDD/3) + (2VDD/3 - VDD/3) + (2VDD/3 - VDD/3) + (0 - 0)
+ (VDD/3 - 2VDD/3) + (VDD/3 - 2VDD/3) + (VDD/3 - 2VDD/3) + (0 - 0) => VDC = 0
2.4
Octaplex LCD drive
In an octaplex LCD drive, eight backplanes are used. Each segment line is connected to
eight LCD segments, which other side is connected to one, two, four or eight of the eight
backplanes. Consequently, only (S/8)+8 MCU pins are necessary to drive an LCD with S
LCD segments. This mode is available only in medium+ and high density
STM8L152xx/STM8L162xx devices. For example, to drive an LCD with 320 LCD segments
(40 ×8), only 48 I/O ports are required (40 I/O ports to drive the segment lines and 8 I/O
ports to drive the backplanes).
Five different voltage levels have to be generated on the common lines: 0, VDD/4, VDD/2,
3VDD/4 and VDD. The Segment line voltage levels are also 0, VDD/4, VDD/2, 3VDD/4 and
VDD. The LCD segment is inactive if the RMS voltage is below the LCD threshold voltage
Vth, and is active if the LCD RMS voltage applied is above the threshold. Figure 9 shows
typical backplane, Segment lines and LCD waveforms. The intermediate voltages VDD/4,
and 3VDD/4 are required for backplane voltages. When a backplane or COM is active (0 V
during an odd frame and VDD during an even frame), the others are made inactive by
applying to them 3VDD/4 during an odd frame and VDD/4 during an even frame.
V
ON RMS
()
VSi
()
2
n
∑
n
------------------------
3
VDD
3
-------------
⎝⎠
⎛⎞
2
VDD
()
2
3
VDD
–
3
----------------
⎝⎠
⎛⎞
2
VDD
–
()
2
++
+
8
----------------------------------------------------------------------------------------------------------------------
0,577VDD
==
=
V
OFF RMS
()
VSi
()
2
n
∑
n
------------------------
4
VDD
3
-------------
⎝⎠
⎛⎞
2
4
VDD
–
3
----------------
⎝⎠
⎛⎞
2
+
8
------------------------------------------------------------
0,333VDD
==
=
D
V
ON RMS
()
V
OFF RMS
()
-----------------------------
0,395
0,176
---------------
·
1,732
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com