Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics AN3114 Datasheet HTML 25Page - STMicroelectronics AN3114 Datasheet HTML 26Page - STMicroelectronics AN3114 Datasheet HTML 27Page - STMicroelectronics AN3114 Datasheet HTML 28Page - STMicroelectronics AN3114 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
25/43
4.2
Custom LCD glass HXO5002B used on STM8L1528-EVAL
The custom LCD glass HXO5002B mounted on the STM8L1528-EVAL is designed specially
for the LCD controller available in medium+ density STM8L152xx devices, high density
STM8L152xx/STM8L162xx devices. It is a combination of alphanumeric symbols and
various useful predefined symbols such as dot matrix, low-battery symbol, arrows (left, up,
right, and down), ST logo... Figure 16 shows the layout for the custom LCD HXO5002B.
The operating LCD mode is 1/8 duty and 1/4 bias. Each segment line can control up to eight
pixels. The integrated LCD controller can control up to 320 LCD segments that can be
divided between alphanumeric symbols (7 x 16 pixels), dot matrix (10 x 19 pixels), low-
battery symbol (4 pixels), arrows (4 pixels), antenna (6 pixels), ST logo (1 pixel) and 3 pixels
for mA, µa and nA signs. In total, 320 LCD segments are controlled through eight COM and
40 segment lines. Each segment line of the LCD glass is connected in the standard
configuration. Figure 17 shows the reference segment lines for the custom LCD HXO5002B.
Figure 16.
Layout for the custom LCD HXO5002B
Figure 17.
Reference LCD segments for the custom LCD HXO5002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com