Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 35Page - STMicroelectronics AN3114 Datasheet HTML 36Page - STMicroelectronics AN3114 Datasheet HTML 37Page - STMicroelectronics AN3114 Datasheet HTML 38Page - STMicroelectronics AN3114 Datasheet HTML 39Page - STMicroelectronics AN3114 Datasheet HTML 40Page - STMicroelectronics AN3114 Datasheet HTML 41Page - STMicroelectronics AN3114 Datasheet HTML 42Page - STMicroelectronics AN3114 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN3114
LCD segment drive firmware
Doc ID 16829 Rev 3
39/43
Figure 27.
LCD segment drive software flowchart
Note:
STM8L1528-EVAL: before displaying the default time, the “STM” string is displayed on the
LCD dot matrix and the ST logo segment is ON.
Start
Clock Configuration (RTC,LCD,TIM4)
RTC Configuration (Generate wake-up every 0.5s)
EXTI and ITC configuration (Interrupt priority)
LCD Configuration
Calendar Configuration
Timer4 configuration to generate update each 1ms
Display default Time 00’00’00
Check LCD Position
Calendar Configuration
Check Key status
Increment the current
LCD Position value
Toggle the LCD
position
Released
Released
Pressed
Pressed
Disable Timer4 & EXTI
Interrupts on the key button
Regulate the Time and Enable
RTC
Display the current Time on
LCD Glass
Enter the active Halt mode
Wake-up generated by RTC every 0.5 s
ai17249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com