Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 15Page - STMicroelectronics AN3114 Datasheet HTML 16Page - STMicroelectronics AN3114 Datasheet HTML 17Page - STMicroelectronics AN3114 Datasheet HTML 18Page - STMicroelectronics AN3114 Datasheet HTML 19Page - STMicroelectronics AN3114 Datasheet HTML 20Page - STMicroelectronics AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
AN3114
Integrated LCD controller
Doc ID 16829 Rev 3
19/43
Figure 11.
Medium+ and high density LCD controller block diagram
3.1.1
Frequency generator block
The first block of the LCD controller is the frequency generator. It consists of a 16-bit ripple
counter prescaler and a programmable clock divider with a divider factor ranging from 16 to
31. It generates the LCD frequency, ck_div, starting from the input clock frequency, fLCDCLK.
The 16-bit prescaler divides fLCDCLK by 1 up to 65536. The value can be configured through
the PS[3:0] bits in the LCD_FRQ register. If a finer resolution rate is required, a second
divider can be used to further divide fck_ps by a factor of 16 to 31. This second factor is
configured through the DIV[3:0] bits in the LCD_FRQ register. fck_div is given by the
following equation:
LCDCLK
LCD RAM
(44x8 bits)
COM0
COM7
SEG43
SEG0
VLCD
VSS
SEG[43:0]
COM[7:0]
PS[3:0]
DIV[3:0]
LCDCLK/65536
LCDCLK
ck_div
CLOCK MUX
Divide by 16 to 31
EN
HD
Analog
switch
array
CONTRAST
CONTROLLER
LCD REGS
VOLTAGE
GENERATOR
CC[2:0]
1/3-1/4 VLCD
2/3 -3/4VLCD
1/2 VLCD
COM
DRIVER
SEG
DRIVER
BIAS[1:0]
Interrupt
PULSE GEN
ck_ps
I/O Ports
Analog booste r
READY
VSEL
STATIC
44
16-bit Prescaler
LCD REGS
FREQUENCY GENERATOR
FREQUENCY GENERATOR
FREQUENCY GENERATOR
COMMON/SEGMENT DRIVER
COMMON/SEGMENT DRIVER
CONTRAST CONTROLLER
CONTRAST CONTROLLER
f
ck_div
f
CLKLCD
2
PS
16
DIV
+
()
×
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com