Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 17Page - STMicroelectronics AN3114 Datasheet HTML 18Page - STMicroelectronics AN3114 Datasheet HTML 19Page - STMicroelectronics AN3114 Datasheet HTML 20Page - STMicroelectronics AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics AN3114 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AN3114
Integrated LCD controller
Doc ID 16829 Rev 3
21/43
Generation of the LCD voltage levels
The internal booster includes two resistive networks, one with low value resistors (RL) and
one with high value resistor (RH) which are respectively used to increase the current during
transitions and to reduce consumption in static state (see Figure 12).
The EN switch follows the rules below:
When the LCDEN bit in the LCD_CR3 register is set, the EN switch is closed.
When clearing the LCDEN bit in the LCD_CR3, the EN switch is open at the end
of the even frame in order to avoid a medium voltage level different from 0 during
the frame.
The PON[2:0] (Pulse ON duration) bits in the LCD_CR2 register configure the time during
which RL is enabled (see Figure 10 and Figure 11) through a HD (high drive) when the
levels of common and segment lines change. A short drive time decreases power
consumption, but displays with high internal resistance may need a longer drive time to
achieve a satisfactory contrast.
The RL divider can be always switched on using the HD bit in the LCD_CR2 register.
The RL divider is enabled when the HD signal is set only for a short period of time when
the levels of common and segment lines change. This time can be programmed
through the Pulse ON bits (PON[2:0]) of the LCD_CR2 register. The HD signal follows
the rules described below:
If the HD bit and the PON[2:0] bits in the LCD_CR2 are reset, then the HD signal
is open.
If the HD bit in the LCD_CR2 register is reset and the PON[2:0] bits in the
LCD_CR2 are different from 00, then the HD signal is closed during the number of
pulses defined in the PON[2:0] bits.
If the HD bit in the LCD_CR2 register is 1, then the HD signal is always closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com