Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3114 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 16Page - STMicroelectronics AN3114 Datasheet HTML 17Page - STMicroelectronics AN3114 Datasheet HTML 18Page - STMicroelectronics AN3114 Datasheet HTML 19Page - STMicroelectronics AN3114 Datasheet HTML 20Page - STMicroelectronics AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Integrated LCD controller
AN3114
20/43
Doc ID 16829 Rev 3
fframe is the operating frequency. It should be evaluated by taking into account the operating
frequency of the LCD device used in application. This range is typically from 30 to 100 Hz. It
is a compromise between power consumption and an acceptable refresh rate.
To generate fframe in the LCD operating frequency range using the prescaler and the divider,
the LCDCLK input clock must be in the range of 16.384 KHz to 500 KHz. For more details,
refer to section Clock control of the reference manual (RM0031). fframeis given by the
following equation:
where the duty can be static, 1/2, 1/3, 1/4 or 1/8.
3.1.2
Common/segments drive block
The second block of the LCD controller is the common/segments drive. It contains the timing
circuitry which allows to generate the appropriate waveforms to drive the common and the
segments lines. Refer to the reference manual RM0031 (section 17.3.3 Common driver) for
additional details.
This block also contains the LCD_RAM registers which bits correspond to the individual
pixels to be displayed on the LCD device.
In addition to the common/segments drive block features, a blink prescaler allows to select
the blink frequency. This frequency is defined by setting the BLINKF[2:0] bits of the
LCD_CR1 register from 0 to 7. Refer to the reference manual RM0031 (section 17.3.2
Frequency generator) for additional details.
3.1.3
LCD contrast controller block
The last block is the contrast controller. It plays a key role in the LCD controller since it
allows to adjust the contrast to the optimal value depending on the trade-off between the
power consumption and a satisfactory contrast level for the application.
The contrast depends on the VLCD voltage level which either internally generated by the
booster or externally provided on the Vlcd pin.
External VLCD voltage source
The external VLCD voltage source is selected by setting the VSEL bit to ‘1’ in the LCD_CR2
register. When the external source is used to generate VLCD, the contrast is controlled by
varying the dead time (up to seven phase periods) between each couple of frames where
the COM and SEG values are low simultaneously.
Internal VLCD voltage source
The internal booster is selected by clearing the VSEL bit in LCD_CR2. In this case, the
contrast is controlled by adjusting VLCD by software. In medium density STM8L152xx, and
STM8AL3Lxx devices, the adjustment is from 2.6 to 3.3 V. In medium+ and high density
STM8L152xx and STM8L162xx devices, the eight-step adjustment is from 2.6 to 3.5 V.
Please refer to the product datasheets.
f
frame
f
ck_div
duty
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com