Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 3Page - STMicroelectronics AN3232 Datasheet HTML 4Page - STMicroelectronics AN3232 Datasheet HTML 5Page - STMicroelectronics AN3232 Datasheet HTML 6Page - STMicroelectronics AN3232 Datasheet HTML 7Page - STMicroelectronics AN3232 Datasheet HTML 8Page - STMicroelectronics AN3232 Datasheet HTML 9Page - STMicroelectronics AN3232 Datasheet HTML 10Page - STMicroelectronics AN3232 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AN3232
Exceptional thermal performance potential of the STAC package concept
Doc ID 17594 Rev 3
7/26
2
Exceptional thermal performance potential of the
STAC package concept
RF Power transistors are made up of hundreds of thousands of heat generating cells,
organized in an ultra-compact geometry at the silicon chip level. The necessity to generate
RF power at ever-increasing frequencies leads directly to the shrinking of silicon geometries
to ever-smaller portions of electrical wavelength. The result is unprecedented power density,
unmatched by most devices in the semiconductor industry. Indeed, such a power density
approaches those frequently encountered in the realm of high-energy physics.
The highest priority of the power transistor package is efficient evacuation of the incredible
thermal flux from the active regions of semiconductor chips to the external environment.
Great advances made to improve packaging systems and materials have enhanced this
effect, including the use of high thermal conductivity materials, the reduction of thermal path
length, and the improvement of thermal interfaces by way of superior flatness coupled with
enhanced TIMs.
A demonstration of the high power density of one device in the STAC family is shown in
Figure 3 by way of infrared imaging. In this example, the junction temperature of the
semiconductor chips, dissipating a total of 400 W continuously, is maintained uniformly
below the maximum allowable temperature of 200 °C, while the case is elevated almost to
its maximum of 85 °C.
Figure 3.
Infrared imaging of a STAC package
As is the case with many RF power devices, thermal resistance is dominated by the chips
themselves, as can be ascertained in Figure 3. In addition, the thermal conductivity of
silicon decreases with increasing temperature, therefore it is common practice to evaluate
power transistors near the maximum operating temperatures. Taking this into account, the
observed thermal resistance, or RthJ-C of approximately 0.30 °C/W for this STAC product, is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com