Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 7Page - STMicroelectronics AN3232 Datasheet HTML 8Page - STMicroelectronics AN3232 Datasheet HTML 9Page - STMicroelectronics AN3232 Datasheet HTML 10Page - STMicroelectronics AN3232 Datasheet HTML 11Page - STMicroelectronics AN3232 Datasheet HTML 12Page - STMicroelectronics AN3232 Datasheet HTML 13Page - STMicroelectronics AN3232 Datasheet HTML 14Page - STMicroelectronics AN3232 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN3232
Mounting base surface conditions
Doc ID 17594 Rev 3
11/26
5
Mounting base surface conditions
The mounting base, or the surface of the core to which the backside of the package is
mounted, must be flat, clean, and free of tool marks. Recommended specifications for the
surface conditions are shown in Table 2.
Flatness and roughness values can be achieved on the above mentioned materials with
standard machining processes, such as milling. Improved flatness and lower roughness
values reduce both electrical and thermal resistance.
Table 2.
Surface conditions
Flatness
Roughness, Ra
400 µin / in (0.4 µm/mm)
< 30 µin (0.8 µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com