Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 14Page - STMicroelectronics AN3232 Datasheet HTML 15Page - STMicroelectronics AN3232 Datasheet HTML 16Page - STMicroelectronics AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Package attachment to core by means of boltdown method
AN3232
18/26
Doc ID 17594 Rev 3
Figure 8.
First boltdown mounting steps
To further improve the distribution of pressure from the screw head/spring washer
combination, an optional flat washer, with an outer diameter no greater than 0.28 in(7.1
mm), may be inserted between the spring washer and the package bolting surfaces. Many
types of spring washer are available, such as split, conical, Belleville, and wave. The choice
of spring washer is left to the amplifier designer and choices may vary depending on the
application.
Finally, alternately tighten both screws in steps up to the recommended torque value using a
torque driver or equivalent. Depending on the choice of TIM, the final required screw torque
should be adjusted within the range listed in Table 4.
When the above procedure is properly applied, uniform pressure with tolerance for thermal
expansion is provided. The mechanical features designed in the STAC boltdown package
translate the force towards the center of the package at the prescribed screw torque. Along
with the material set featuring low creep and fatigue resistance, the STAC package and the
complete hardware system insure that pressure is maintained uniformly over time.
Table 4.
Recommended screw torque
Minimum
Typical
Maximum
3.5 in-lb
5.0 in-lb
6.5 in-lb
0.4 N-m
0.6 N-m
0.75 N-m
4 kg-cm
5.8 kg-cm
7.5 kg-cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com