Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics AN3232 Datasheet HTML 24Page - STMicroelectronics AN3232 Datasheet HTML 25Page - STMicroelectronics AN3232 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN3232
Electrical connection
Doc ID 17594 Rev 3
23/26
11
Electrical connection
Leads and/or flanges should be attached to the PCB and/or copper heatsinks using typical
Sn63Pb37 or Pb-free solders, in accordance with the supplier's recommendations.
However, the following guidelines with respect to the package should be considered:
Avoid, as much as possible, the use of flux or flux solutions as it is a potential source of
contamination to the device.
The leads of the transistor may be tinned prior to assembly on the PCB. This practice is
used in situations when it is undesirable to introduce even a small amount of gold into
the solder composition, forestalling the possibility of solder embrittlement issues. The
source of Au stems from the lead and/or backside surfaces, which are plated with 40 to
100 µin (1 to 2.5 µm) of Au.
The amount of solder to be used depends on the type of solder and the amount of
allowable Au in the final solder composition. It is desirable to increase the amount of
solder when Au content is a concern, such as in Pb-free soldering applications.
It is recommended to use either a solder preform or solder paste having a thickness of
0.001 to 0.010 in (0.03 to 0.3 mm), typically 0.006 in (.15 mm).
Adjustment of the solder preform or paste thickness may be used advantageously to
account for thickness variations in the PCB manufacturing process.
In cases where the backside of the flange is soldered to a copper core or heatsink, the
package design and previously discussed mechanical mounting procedure provide
sufficient downward pressure on the solder preform, resulting in a thin, high-quality
bondline after a typical solder reflow procedure. In such cases, solder-wells or a solder-
moat around the perimeter of the flange should be considered, to provide a region for
excess solder to flow.
A solder preform or other metallic foil may be used as both a TIM and electrical
interface between the backside of the package (source) and amplifier ground (normally
the core layer or the heatsink) even without soldering.
Electrically insulative thermal pastes must be applied sufficiently thin, such that the
downward pressure is high enough to force metal-to-metal contact over a significant
area of the surfaces between the package (source) and amplifier ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com