Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics AN3232 Datasheet HTML 24Page - STMicroelectronics AN3232 Datasheet HTML 25Page - STMicroelectronics AN3232 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Conclusion
AN3232
24/26
Doc ID 17594 Rev 3
12
Conclusion
This application note provides a set of guidelines to be considered for the proper attachment
of STAC packages. While these recommendations are intended to address the majority of
user applications, the flexibility afforded by this new generation of package technology
enables new approaches for amplifier assembly as well as novel system architectures. In
the search for constant improvement, ST continues to address customer needs by
improving the robustness of the STAC package line and by releasing additional outlines with
more functionality and versatility. For these reasons, it is expected that these guidelines are
to be revisited and updated over time. At present, these recommendations are expected to
result in reliable mechanical, electrical, and thermal performance.
Regarding the thermal expectations of STAC packages, this application note demonstrates
the exceptional performance that can be attained when utilizing the solder-down mounting
method; this can be viewed as the limiting case for lowest achievable thermal resistance.
While the STAC package concept embodies highly customizable thermal solutions by
means of chip carrier material substitution, the importance of an exceptionally low thermal
resistance between the transistor case and the heatsink (RthC-HS) cannot be overstated. In
the case presented, this interface accounts for only 0.025 °C/W, roughly half of what is
achievable with industry standard flanged packages. In this regard, STAC packages afford
intrinsic flatness and the highest available thermal conductivity materials, further enhancing
cooling efficiency. Even without soldering, judicious selection of TIMS and respect to this set
of guidelines results in RthC-HS values on the order of 0.05 °C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com