Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 15Page - STMicroelectronics AN3232 Datasheet HTML 16Page - STMicroelectronics AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AN3232
Package attachment to core by means of boltdown method
Doc ID 17594 Rev 3
19/26
9.3
Procedure summary
1.
Tighten both fastener systems to each end of the package body to a “finger-tight”
condition, approximately 0.4 in-lb (0.05 N-m, 0.5 kg-cm).
2.
Use a torque driver or equivalent means to tighten both screws to the recommended
torque of 5 in-lbs (0.6 N-m, 5.8 kg-cm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com