Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics AN3232 Datasheet HTML 24Page - STMicroelectronics AN3232 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN3232
Package attachment to thermal base by means of soldering
Doc ID 17594 Rev 3
21/26
heating zones may be required to optimize for uniform temperatures at the interface of the
STAC package and copper core layer.
Regardless of the amplifier assembly and choice of soldering method, the industry standard
reflow profile recommended in J-STD-020D for solder reflow operations is acceptable for
STAC packages. It is important that this profile, as shown in Figure 10, is respected at the
component level. According to table 4-2 of the JEDEC reference, a max Tp of 245 °C is
advised, but STAC packages can survive many reflows at temperatures up to a body
temperature of 265 °C with no damage. However, such excursions up to this extreme
temperature are not recommended because many other board level components may not
survive such stressful conditions.
Figure 10.
Component level temperature profile
Note:
Tp= 20-40 sec, ramp-up = 3 °C/sec max, TL= 60-150 sec, ramp-down = 6 °C/sec max, TL=
217 °C, TSmax= 200 °C, TSmin= 150 °C, TS= 60-180 sec, from t 25 °C to peak = 8 minutes
max, tp = Table 5.
Table 5.
Pb-free process - package classification reflow temperatures (1)
1.
Tolerance: the device manufacturer/supplier assures process compatibility up to and including the stated
classification temperature (this means peak reflow temperature + 0 °C. For example 260 °C + 0 °C) at the
rated MSL level.
Package thickness
Volume mm3 < 350
Volume mm3 350-2000
Volume mm3 > 2000
< 1.6 mm
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm - 2.5 mm
250 + 0 °C
245 + 0 °C
> 2.5 mm
250 + 0 °C
245 + 0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com