Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 8Page - STMicroelectronics AN3232 Datasheet HTML 9Page - STMicroelectronics AN3232 Datasheet HTML 10Page - STMicroelectronics AN3232 Datasheet HTML 11Page - STMicroelectronics AN3232 Datasheet HTML 12Page - STMicroelectronics AN3232 Datasheet HTML 13Page - STMicroelectronics AN3232 Datasheet HTML 14Page - STMicroelectronics AN3232 Datasheet HTML 15Page - STMicroelectronics AN3232 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Thermal interface material
AN3232
12/26
Doc ID 17594 Rev 3
6
Thermal interface material
Careful consideration must be paid to the actual interface layer between the backside of the
package and the mounting base. Cleanliness is key: particulates, grease, and oxidation
should be removed using standard practices.
A thermal interface material (TIM) of good thermal conductivity should be used in order to fill
any discontinuities between the package and mounting base surface. The decision of which
TIM material to use is based on many factors. Many types of TIMs are available with an
incredible range of thermal, electrical, and mechanical properties. A few are listed in
Table 3.
In all cases, the chosen TIM should be no thicker than necessary and applied as evenly as
possible. For liquidus compounds, it is easiest to apply it to the backside of the package,
keeping in mind that excessive TIM thickness results in a higher thermal resistance than
using no TIM at all. Application of pressure displaces liquidus TIMs in regions of metal-to-
metal contact, and fills in any remaining air gaps, thus resulting in excellent electrical and
thermal contact.
For foils and soldering, it is best to specify an appropriately sized “preform”, with a thickness
of approximately 0.003 in(0.08 mm), and apply it to the core layer or heatsink.
In soldering of Au plated components which have not been pre-treated by HSD or tinning,
enough solder should be used so that the final Au content of the multi-eutectic alloy is less
than 4 % by weight, to avoid “gold embrittlement” issues. Excessive Au content in Pb and
Pb-free alloys can result in a brittle solder joint which degrades over time with continuous
power/temperature cycling.
Table 3.
Common TIMs
Type
Description
Supplier
Paste or grease
WPSII (silicone-free)
Austerlitz Electronics
Type 340
Dow Corning
Type 120(silicone based)
Wakefield thermal solutions
Foil or film based
Indium preform
Indium
Solder based
Pb or Pb-free preform
Various
Pb or Pb-free paste
Various



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com