Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 12Page - STMicroelectronics AN3232 Datasheet HTML 13Page - STMicroelectronics AN3232 Datasheet HTML 14Page - STMicroelectronics AN3232 Datasheet HTML 15Page - STMicroelectronics AN3232 Datasheet HTML 16Page - STMicroelectronics AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Package attachment to core by means of boltdown method
AN3232
16/26
Doc ID 17594 Rev 3
9
Package attachment to core by means of boltdown
method
9.1
Required hardware
The recommended fastener system consists of:
●
Printed circuit or wiring board (PCB or PWB)
●
Core layer, normally copper
●
Boltdown STAC package
●
Choice of TIM
●
2 each of 4-40 UNC-2A (or M3) TORX, HEX, or PHILLIPS cap screws (one for each
end of the package body)
●
2 each of spring washers, ID=0.150"(3.81 mm) OD=0.275"(6.98 mm), t=0.015"(0.38
mm), h=0.025"(0.62mm)
●
Means of measuring torque
9.2
Considerations
The ideal screw-center spacing for STAC244B and STAC265B packages is 1.1 inch (27.94
mm). This dimension is the same as recommended for legacy "GEMINI" package outlines
such as M244, M252, M265 as well as other familiar equivalents in the industry. Regardless
of the spacing, the key objective is to insure that long and short centerlines of the package
body are centered along and between the screws, respectively. This alignment procedure
insures that the clamping forces are correctly balanced, such that the STAC clamping
design directs pressure down and towards the center of the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com