Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 16Page - STMicroelectronics AN3232 Datasheet HTML 17Page - STMicroelectronics AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics AN3232 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package attachment to thermal base by means of soldering
AN3232
20/26
Doc ID 17594 Rev 3
10
Package attachment to thermal base by means of
soldering
10.1
Hardware
●
Printed circuit or wiring board (PCB or PWB)
●
Solderable core layer, normally copper
●
STAC package (can be flangeless or boltdown version)
●
Pb or Pb-free Solder preform or similar solder paste
●
Solder reflow equipment, such as an oven
●
Optional mechanical hardware to locate the package
10.2
Solder reflow equipment and methods
There are many methods for soldering; which method to use is based on factors outside the
scope of this application note. For the STAC package comprising a material set in use for
decades, ST feels comfortable recommending a convection reflow oven, preferably with 5
zones plus a cooling strategy. For example, the SEHO FDS “MAXIPOWER” unit depicted in
Figure 9, with independent top and bottom heaters and a refrigerated cooling zone, has
been used in testing STAC packages for reflow soldering and is well-known throughout the
industry.
Figure 9.
SEHO FDS “MAXIPOWER” reflow oven
An important consideration for reflowing power packages like the STAC is that the
temperature profile must be adjusted on a case-by-case application basis. No universal
profile can account for the large variation in thermal mass between various RF Power
Amplifier (RFPA) assemblies. An RFPA might consist of a relatively small PCB and thin core
layer, which can be soldered with a relatively fast conveyor speed. On the other hand, a
large area RFPA pallet, having a thick copper core layer, requires much slower movement
through the reflow oven to achieve good soldering. The PCB acts in insulating the top of the
core layer from topside heating, therefore a programming balance between top and bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com