Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3232 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 5Page - STMicroelectronics AN3232 Datasheet HTML 6Page - STMicroelectronics AN3232 Datasheet HTML 7Page - STMicroelectronics AN3232 Datasheet HTML 8Page - STMicroelectronics AN3232 Datasheet HTML 9Page - STMicroelectronics AN3232 Datasheet HTML 10Page - STMicroelectronics AN3232 Datasheet HTML 11Page - STMicroelectronics AN3232 Datasheet HTML 12Page - STMicroelectronics AN3232 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN3232
Heatsink selection
Doc ID 17594 Rev 3
9/26
3
Heatsink selection
The critical choice of a heatsinking system depends on the specific device and application
requirements. The decision results in the total power dissipation capability for the amplifier
assembly and greatly influences system performance and cost.
When the operating conditions of the device are such that the dissipated power is low, a
basic thermal core layer without fins may be all that is required for maintaining a low case
temperature, a high MTTF, or adherence to other maximum device ratings. Examples of
applications with low average power dissipation can include low duty-cycle pulsed
amplification or backed-off linear power amplifiers.
Most often, RF power devices are operated at the highest power levels possible, to extract
the most value for the cost. Combining the exceptional performance of recent silicon
improvements, having much higher power efficiency than in previous years, with the thermal
performances of STAC packages, allows the possibility for designers to specify relatively
simple systems like low-cost, extruded aluminum heatsinks with fins to provide sufficient
cooling. Such systems have good thermal and electrical properties for a majority of
applications and operating conditions.
One benefit of STAC packages is to enable designers to “push the envelope” in terms of
power density. First, high thermal flux is managed using a heat spreading copper core layer
between the transistor and a high performance heatsink. Second, for the most demanding
applications, system such as water cooling, heat pipes, and others can be coupled to the
first, affording a means of transferring heat very quickly to a more convenient location.
For a high performance package such as STAC, the preferred heatsink material interposed
between the package base and the heatsink is (UNS C10100) copper. Hereafter this
material layer is referred to as the core. Based on requirements for typical applications, the
thickness range for the core layer is listed in Table 1.
Other copper grades and even aluminum may be used for the core layer based on
application needs. In these cases, it is advised to adjust core thickness appropriately to
control spreading of the heat.
Table 1.
Preferred copper core thickness
Minimum
Typical
Maximum
0.12 in (3.0 mm)
0.22 in (5.6 mm)
0.32 in (8.1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com