Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3371 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 5Page - STMicroelectronics AN3371 Datasheet HTML 6Page - STMicroelectronics AN3371 Datasheet HTML 7Page - STMicroelectronics AN3371 Datasheet HTML 8Page - STMicroelectronics AN3371 Datasheet HTML 9Page - STMicroelectronics AN3371 Datasheet HTML 10Page - STMicroelectronics AN3371 Datasheet HTML 11Page - STMicroelectronics AN3371 Datasheet HTML 12Page - STMicroelectronics AN3371 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AN3371
Overview of the STM32 advanced RTC
Doc ID 018624 Rev 5
9/45
Figure 5.
Prescalers from RTC clock source to calendar unit
Note:
The length of the synchronous prescaler depends on the product. For this section, it is
represented on 13 bits.
The formula to calculate ck_spre is:
where:
RTCCLK can be any clock source: HSE_RTC, LSE or LSI
PREDIV_A can be 1,2,3,..., or 127
PREDIV_S can be 0,1,2,..., or 8191
Table 3 shows several ways to obtain the calendar clock (ck_spre) = 1 Hz.
Synchronous 13-bit
prescaler (default=256)
RTC
Clock
PREDIV_A
PREDIV_S
Ck_Spre
Asynchronous
prescaler
Synchronous
prescaler
Calendar unit
MS19527V1
Asynchronous 7-bit
prescaler (default = 128)
Shadow registers
(RTC_TR and
RTC_DR)
Table 3.
Calendar clock equal to 1 Hz with different clock sources
RTCCLK
Clock source
Prescalers
ck_spre
PREDIV_A[6:0]
PREDIV_S[12:0]
HSE_RTC = 1MHz
124
(div125)
7999
(div8000)
1 Hz
LSE = 32.768 kHz
127
(div128)
255
(div256)
1 Hz
LSI = 32 kHz(1)
1.
For STM32L1xx, LSI = 37 KHz, but LSI accuracy is not suitable for calendar application.
127
(div128)
249
(div250)
1 Hz
LSI = 37 kHz(2)
2.
For STM32F2xx and STM32F4xx, LSI = 32 KHz, but LSI accuracy is not suitable for calendar application.
124
(div125)
295
(div296)
1 Hz
ck_spre
RTCCLK
PREDIV_A
1
+
()
PREDIV_S
1
+
()
×
----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com